Part Number Hot Search : 
L78M0 SF1101A KBPC6 D6L60HT 2N1008 74476402 UM5123 55C60B
Product Description
Full Text Search
 

To Download POR-0200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  POR-0200 ???? ??: 1 poe ???, cascade, 802.3at poe plus extend the reach of your poe-plus devices for system integrators looking for a professional solution to help extend their poe (802.3af/at) network, POR-0200 is the perfect accessory to increase your network performance. normal cable runs only reach 100 meters, but with POR-0200 installers can extend the poe network performance up to 200 meters. furthermore, you can triple your range or even more by daisy-chaining* multiple poe repeaters. * maximum distance depends on the required wattage of the pd. simple yet durable, no software required as a poe-plus repeater, POR-0200 receives all power from the power sending equipment (pse), such as a poe-plus switch. this means that POR-0200 uses no external power supply, making it the most flexible option for system integrators looking for an easy, affordable solution to increase the distance to the attached devices on a network. POR-0200 has 3 rj-45 ports for easy deployment, 1 in port that accepts the power and data for the first 100 meters, and 2 out ports for 1 poe (power + data) and 1 non-poe (data only) installation, that boosts and extends the device an additional 100 meters. with a durable metal housing, POR-0200 fits into any tight deployments. applications por-0020 is a long-ranged solution for deploying poe ip camera and any fast ethernet poe pd powered by 802.3at pse. key features - high power midspan poe compliant to simplify deployment and installation - 1?? poe ? 1?? ? poe ????? ??? 2?? ?? ?? - ??? ????(802.3af/at poe)? ?? ??? ?? - 100 ?? ??? ?? poe ?? ?? - multiple poe repeaters can be deployed by daisy chain to extend range www.level1.com page 1 of 3
- ??? ??????? ??? ???? ?? ????? ???? ?? ?? ?? fcs-3081 fixed dome network camera, 2-????, 802.3af poe, ??/???, ir leds fep-0811 8-port fast ethernet poe switch, 802.3at poe plus, 123.2w ???? system specifications standards & protocols: ieee 802.3 10base-t, ethernet ieee 802.3u 100base-tx, fast ethernet ieee 802.3x ethernet flow control ieee 802.3af power over ethernet (poe) ieee 802.3at power over ethernet plus (poe+) connectors and cabling: 1 x 10/100base-tx rj-45 poe input port 1 x 10/100base-tx rj-45 poe output port 1 x 10/100base-tx rj-45 lan output port indicator: power, poe in, poe out power: poe power input: 44-57 volt power consumption: 2.5w (max.) features poe: ieee 802.3af/at compliant environment temperature (c): operating: 0c ~ 50c storage: 0c ~ 70c humidity (non-condensing): storage: 5% to 95% operating: 5 ~ 95% physical specifications dimensions (w x d x h mm): 120 x 90x 28mm weight (g): 400 g www.level1.com page 2 of 3
others approval and compliance: fcc part 15, ce deployment: wall mount ?? order information POR-0200 package contents POR-0200 quick installation guide no liability or responsibility for any errors or omissions in the content. specifications are subject to change without notice. all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 3 of 3


▲Up To Search▲   

 
Price & Availability of POR-0200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X